PART |
Description |
Maker |
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
LC66562B LC66566B |
12 amd 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers CMOS LSI
|
Sanyo
|
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
LC65E1104 LC65P1104 LC651102F LC651102L LC651102N |
On-Chip UVEPROM 4-Bit Single-Chip Microcontroller CMOS LSI
|
SANYO[Sanyo Semicon Device]
|
LC587004 LC587006 LC587008 |
Single-Chip 4-Bit Microprocessors with LCD Driver, 2 Kb RAM, and 8, 12, or 16 KB ROM on chip CMOS LSI
|
Sanyo
|
LC6543 LC6543C LC6543H LC6546C LC6546H |
CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTERS FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS
|
Sanyo Semicon Device
|
LC5873 LC5876 |
4-bit Single-chip Microcontrollers with LCD driver, 12KB/8KB/6KB/4KB ROM, 1Bk RAM on chip CMOS LSI
|
Sanyo
|
S87C652-4F40 S87C652-4A44 83C652 S87C652-7K44 P83C |
CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 8 MHz, MICROCONTROLLER, CDIP40 CMOS single-chip 8-bit microcontrollers 8-BIT, OTPROM, 16 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers CMOS单芯位微控制 CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 10 MHz, MICROCONTROLLER, CQCC44 CMOS single-chip 8-bit microcontrollers 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDIP40
|
NXP Semiconductors N.V.
|
TC83220-0009 |
Single-Chip CMOS LSI for FL (fluorescent) Calculator with Printers TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
|
Toshiba Semiconductor
|
JTC83230-0014S |
Single-Chip CMOS LSI for Calculators with Printers
|
TOSHIBA
|
TC83220-0006 |
Single-Chip CMOS LSI for FL (fluorescent) Calculator
|
TOSHIBA
|
LV4150W |
Bi-CMOS LSI For LCD Panel Drive Single Chip IC
|
Sanyo Semicon Device
|